Part Number Hot Search : 
CD4066A 5520M 015C2 BCR25R TUA1574 MAX6390 79L12 1N4728
Product Description
Full Text Search
 

To Download 1N5342B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
1N5334B~1N5378B
GLASS PASSIVATED JUNCTION SILICON ZENER DIODES VOLTAGE
FEATURES
* For surface mounted applications in order to optimize board space. * Low profile package * Built-in strain relief * Glass passivated junction * Low inductance * Typical ID less than 1.0A above 13V
.375(9.5) .285(7.2) 1.0(25.4)MIN.
3.6 to 100 Volts
CURRENT
5.0 Watts
DO-201AE
Unit: inch(mm)
.042(1.07) .037(0.94)
* Plastic package has Underwriters Laboratory Flammability Classification 94V-O * Pb free product are available : 99% Sn can meet RoHS environment substance directive request
MECHANICALDATA
Case: JEDEC DO-201AE molded plastic Terminals: Axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denoted cathode except Bipolar Mounting Position: Any Weight: 0.045 ounce, 1.2 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
Parameter DC Power Dissipation on TL=75OC ,Measure at Zero Lead Length Derate above 50OC ( NOTE 1) Operating Junction and StorageTemperature Range Symbol Value 5.0 40 -50 to +150 Units Watts mW / OC
O
PD TJ , TSTG
1.0(25.4)MIN.
.210(5.3) .188(4.8)
C
NOTE: 1.Mounted on 8.0mm2 copper pads to each terminal.
REV.0-APR.12.2005
PAGE . 1
N o m i na l Ze ne r V o l t a g e Part Number No m. V 1N5334B 1N5335B 1N5336B 1N5337B 1N5338B 1N5339B 1N5340B 1N5341B 1N5342B 1N5343B 1N5344B 1N5345B 1N5346B 1N5347B 1N5348B 1N5349B 1N5350B 1N5351B 1N5352B 1N5353B 1N5354B 1N5355B 1N5356B 1N5357B 1N5358B 1N5359B 1N5360B 1N5361B 1N5362B 1N5363B 1N5364B 1N5365B 1N5366B 1N5367B 1N5368B 1N5369B 1N5370B 1N5371B 3.6 3.9 4.3 4.7 5.1 5.6 6 6.2 6.8 7.5 8.2 8.7 9.1 10 11 12 13 14 15 16 17 18 19 20 22 24 25 27 28 30 33 36 39 43 47 51 56 60 V Z @ IZT M i n. V 3.4 3.7 4.1 4.5 4.9 5.3 5.7 5.9 6.5 7.1 7.8 8.3 8.7 9.5 10.5 11.4 12.4 13.3 14.3 15.2 16.2 17.1 18.1 19 20.9 22.8 23.8 25.7 26.6 28.5 31.4 34.2 37.1 40.9 44.7 48.5 53.2 57 M a x. V 3.8 4.1 4.52 4.9 5.4 5.9 6.3 6.5 7.1 7.9 8.6 9.1 9.6 10.5 11.6 12.6 13.7 14.7 15.8 16.8 17.9 18.9 20 21 23.1 25.2 26.3 28.4 29.4 32 34.7 37.8 41 45 49 53.6 58.8 63 O hm s 2.5 2 2 2 1.5 1 1 1 1 1.5 1.5 2 2 2 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 3 3 3.5 3.5 4 5 6 8 10 11 14 20 25 27 35 40
M a x i m u m Z e n e r Im p e d a n c e ZZT @ IZT mA 350 320 290 260 240 220 200 200 175 175 150 150 150 125 125 100 100 100 75 75 70 65 65 65 50 50 50 50 50 40 40 30 30 30 25 25 20 20 ZZK @ IZK O hm s 500 500 500 450 400 400 300 200 200 200 200 200 150 125 125 125 100 75 75 75 75 75 75 75 75 100 110 120 130 140 150 160 170 190 210 230 280 350 mA 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
Maximum Leakage Current IR A 150 50 10 5 1 1 1 1 10 10 10 10 7.5 5 5 2 1 1 1 1 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 VR V 1 1 1 1 1 2 3 3 5.2 5.7 6.2 6.6 6.9 7.6 8.4 9.1 9.9 10.6 11.5 12.2 12.9 13.7 14.4 15.2 16.7 18.2 19 20.6 21.2 22.8 25.1 27.4 29.7 32.7 35.8 38.8 42.6 45.5
REV.0-APR.12.2005
PAGE . 2
N o m i na l Ze ne r V o l t a g e Part Number No m. V 1N5372B 1N5373B 1N5374B 1N5375B 1N5376B 1N5377B 1N5378B 62 68 75 82 87 91 100 V Z @ IZT M i n. V 58.9 64.6 71.3 77.9 82.7 86.5 95 M a x. V 65.1 71.4 78.8 86.1 91.4 95.6 105 O hm s 42 44 45 65 75 75 90
M a x i m u m Z e n e r Im p e d a n c e ZZT @ IZT mA 20 20 20 15 15 15 12 ZZK @ IZK O hm s 400 500 620 720 760 760 800 mA 1 1 1 1 1 1 1
Maximum Leakage Current IR A 0.5 0.5 0.5 0.5 0.5 0.5 0.5 VR V 47.1 51.7 56 62.2 66 69.2 76
REV.0-APR.12.2005
PAGE . 3
RATING AND CHARACTERISTIC CURVES
qVz, TEMPERATURE COEFFICIENT (mV/C)@IZT
8
P D , MAXIMUM STEADY STATE POWER DISSIPATION (WATTS)
400 300 200 100 50 30 20 10
6
4
2
5
0 0 30 60 90
O
120
150
0
20
40
60
80
100
120
140
160
180
200
220
T L , LEAD TEMPERATURE ( C)
Vz,ZENER VOLTAGE@Iz T (VOLTS)
Fig.1 Power temperature Derating Curve
Fig.2 Temperature Coefficient-Range for Units 10 to 100 Volts
30
I ZT , Z E N E R C U R R E N T ( m A )
20
Vz=3.3V
1000
T=25 O C
Ipp, PEAK SURGE CURRENT (A )
10 5
Tc=25 O C
100
Vz=100V
2 1 0.5
10
1
0.2 0.1
0.1
1
10
100
1000
1
2
3
4
5
6
7
8
9
10
PW, PULSE WIDTH (ms)
Vz, ZENER VOLTAGE (VOLTS)
Fig.3 Peak Surge Current versus Pulse Width
F i g . 4 Z e n e r Vo l t a g e vers u s Z ene r Current Vz=3.3 Thru 10 Volts
1000
I ZT , ZENER CURRENT (mA)
T=25 O C
100
I ZT , Z E N E R C U R R E N T ( m A )
100
10
10
1
1
0.1 10 20 30 40 50 60 70 80
0.1 80 100 120 140 160 180 200 220
Vz, ZENER VOLTAGE (VOLTS)
Vz, ZENER VOLTAGE (VOLTS)
Fig.5 Zener Voltage versus Zener Current Vz=11 Thru 75 Volts
Th
Fig.6 Zener Voltage versus Zener Current Vz=82 Thru 100 Volts
REV.0-APR.12.2005
PAGE . 4


▲Up To Search▲   

 
Price & Availability of 1N5342B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X